PART |
Description |
Maker |
APM8601 APM8601FB-7 |
Dual Channel Single Cell Linear Lithium Battery Charger with 28V OVP and Programmable Charge Timer
|
Diodes Incorporated
|
CS5233-3-D CS5233-3/D CS5233-3GDP5 CS5233-3GDF8 CS |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control 500 mA and 1.5 A3.3 V Dual Input Linear Regulator with Auxiliary Control 500毫安.5甲,与辅助控3.3伏双输入线性稳压器
|
ON Semiconductor
|
71R2100 72R2200 66R2100 |
3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
|
California Micro Devices Corporation
|
D1053 D1053UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(50W-28V-1GHz,Push-Pull)(镀金多用DMOS射频硅场效应50W-28V-1GHz,推挽) 金镀金属多功能硅的DMOS射频场效应管50 28V 1GHz的,推挽式)(镀金多用的DMOS射频硅场效应管(50 28V 1GHz的,推挽式) METAL GATE RF SILICON FET
|
3M Company SEME-LAB[Seme LAB]
|
AIC1740 AIC1740-18CE AIC1740-18CF AIC1740-18CY AIC |
Low Output Voltage, 500mA Low Dropout Linear Regulator 低输出电压,500mA的低压差线性稳压器 Dual 4-input positive-NAND gates 14-SO 0 to 70 低输出电压,500mA的低压差线性稳压器 Dual 4-input positive-AND gates 14-SOIC 0 to 70 低输出电压,500mA的低压差线性稳压器 Low Output Voltage/ 500mA Low Dropout Linear Regulator Dual 4-input positive-AND gates 14-SO 0 to 70 Dual 4-input positive-AND gates 14-PDIP 0 to 70
|
Molex, Inc. Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
M3GB2800S |
28V Input, Single/Dual Output
|
International Rectifier
|
MP2602 MP2602DQ |
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
|
Monolithic Power Systems
|
AAT3783 AAT3783IRN-4.2-T1 |
1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
BD95513MUV BD95513MUV-E2 |
4.5-28V 3A 1ch Synchronous Buck converter with Built-in Linear Regulator
|
ROHM
|
PS48-80MQ100C PS48-80PQ100C PS48-80TQ100C PS48-66P |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2805S with Standard Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package 用户可编程ASIC的特殊功 User Programmable Special Function ASIC 用户可编程ASIC的特殊功
|
International Rectifier, Corp. Carlo Gavazzi
|
LA6083D 1594 |
J-FET Input Dual Operational Amplifier From old datasheet system Monolithic Linear IC
|
SANYO[Sanyo Semicon Device]
|